Part Number Hot Search : 
C3216X5 PQ1CG303 WF512 LS4148 ATT3209 54122 VC060326 ST72104G
Product Description
Full Text Search
 

To Download NRWX100M100V8X115F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors +125 c wide temperature range, radial leads, polarized features ? -55 c ~ +125 c extended operating temperature range ? low impedance and high ripple current at high frequency ? meets the requirements of aec-q200* *contact nic for supporting test data nrwx series characteristics precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog. also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 10 ~ 100vdc 160 ~ 250vdc 350 ~ 400vdc capacitance range 10 ~ 4,700 f 10 ~ 150f 4.7 ~ 47f operating temperature range -55 ~ +125c -40 ~ +125c -25 ~ +125c capacitance tolerance 20% (m) max. leakage current @ 20c 0.01cv or 3 a, whichever is greater after 2 minutes 0.02cv+25 a after 2 minutes max. tan @ 120hz/20c w.v. (vdc) 10 16 25 35 50 100 160 200 250 350 400 s.v. (vdc) 13 20 32 44 63 125 200 250 300 400 450 c <= 1,000 f 0.20 0.16 0.14 0.12 0.10 0.08 0.20 0.20 0.20 0.24 0.24 c = 2,200 f 0.22 0.18 0.16 - - - - - - - - c = 3,300 f 0.24 0.20 --------- c = 4,700 f 0.26 ---------- low temperature stability impedance ratio @ 120hz z-25c/z+20c ------33366 z-40c/z+20c 2 2 2 2 2 2 6 6 6 - - z-55c/z+20c 4 3 3 3 2 2 - - - - - load life test at rated w.v. +125c life hours 8=2,000hrs, 10=3,000hrs, 12.5~18=4,000hrs 2,000hrs capacitance change within 30% of intial measured value within 20% of inital measured value tan less than 300% of speci ed value less than 200% of speci ed value leakage current less than speci ed vlaue less than speci ed value cap. ( f) code working voltage (vdc) 10 16 25 35 50 100 160 200 250 350 400 4.74r7--------- 10x20 10x20 1010---- 8x11.5 8x11.5 - 10x20 10x20 10x20 12.5x20 22220---- 8x11.5 8x12.5 10x20 10x20 12.5x20 12.5x25 12.5x25 33330---- 8x12.5 10x12.5 10x20 12.5x20 12.5x25 16x25 16x25 47 470 - - - 8x12.5 8x12.5 10x16 12.5x20 12.5x25 16x25 16x31.5 16x31.5 68680------ 12.5x20 16x21 16x31.5 - - 100 101 - 8x11.5 8x12.5 10x12.5 10x12.5 12.5x20 16x25 ---- 220 221 8x12.5 10x12.5 10x12.5 10x16 10x20 16x25 - ---- 330 331 10x12.5 10x12.5 10x16 10x20 12.5x20 16x31.5 - ---- 470 471 10x12.5 10x16 10x20 12.5x20 12.5x25 18x31.5 - ---- 1000 102 10x20 12.5x20 12.5x25 16x25 16x31.5 - - ---- 2200 222 12.5x25 16x25 16x31.5 -------- 3300 332 16x25 16x31.5 --------- 4700 472 16x31.5 ---------- standard product and case size d xl (mm) diameter and leadspace (mm) = l< 20mm=1.5mm, l > 20mm=2.0mm case dia. (d ) 8 10 12.5 16 lead dia. (d ) 0.6 0.6 0.8 0.8 lead spacing (f) 3.5 5.0 5.0 7.5 dim. 0.5 1.0 dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - +
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors nrwx series part number cap. (f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +125c/100khz max. esr () +20c/100khz load life hours @+125c nrwx221m10v8x12.5f 220 10 0.20 280 0.26 2,000 nrwx331m10v10x12.5f 330 0.20 350 0.20 3,000 nrwx471m10v10x12.5f 470 0.20 380 0.17 3,000 nrwx102m10v10x20f 1000 0.20 580 0.12 3,000 nrwx222m10v12.5x25f 2200 0.20 1050 0.05 4,000 nrwx332m10v16x25f 3300 0.20 1150 0.04 4,000 nrwx472m10v16x31.5f 4700 0.20 1500 0.03 4,000 nrwx101m16v8x11.5f 100 16 0.16 250 0.39 2,000 nrwx221m16v10x12.5f 220 0.16 350 0.20 3,000 nrwx331m16v10x12.5f 330 0.16 380 0.17 3,000 nrwx471m16v10x16f 470 0.16 490 0.15 3,000 nrwx102m16v12.5x20f 1000 0.16 770 0.07 4,000 nrwx222m16v16x25f 2200 0.16 1150 0.04 4,000 nrwx332m16v16x31.5f 3300 0.16 1500 0.03 2,000 nrwx101m25v8x12.5f 100 25 0.14 280 0.26 2,000 nrwx221m25v10x12.5f 220 0.14 380 0.17 3,000 nrwx331m25v10x16f 330 0.14 480 0.15 3,000 nrwx471m25v10x20f 470 0.14 580 0.12 3,000 nrwx102m25v12.5x25f 1000 0.14 1050 0.05 4,000 nrwx222m25v16x31.5f 2200 0.14 1500 0.03 4,000 nrwx470m35v8x12.5f 47 35 0.12 230 0.45 2,000 nrwx101m35v10x12.5f 100 0.12 315 0.35 3,000 nrwx221m35v10x16f 220 0.12 420 0.29 3,000 nrwx331m35v10x20f 330 0.12 580 0.20 3,000 nrwx471m35v12.5x20f 470 0.12 630 0.12 4,000 nrwx102m35v16x25f 1000 0.12 980 0.06 4,000 nrwx100m50v8x11.5f 10 50 0.10 150 0.95 2,000 nrwx220m50v8x11.5f 22 0.10 210 0.65 2,000 nrwx330m50v8x12.5f 33 0.10 230 0.45 2,000 nrwx470m50v8x12.5f 47 0.10 230 0.45 2,000 nrwx101m50v10x12.5f 100 0.10 315 0.35 3,000 nrwx221m50v10x20f 220 0.10 560 0.20 3,000 nrwx331m50v12.5x20f 330 0.10 630 0.12 4,000 nrwx471m50v12.5x25f 470 0.10 770 0.10 4,000 nrwx102m50v16x31.5f 1000 0.10 1200 0.045 4,000 nrwx100m100v8x11.5f 10 100 0.08 150 1.5 2,000 nrwx220m100v8x12.5f 22 0.08 190 1.5 2,000 nrwx330m100v10x12.5f 33 0.08 330 0.75 3,000 nrwx470m100v10x16f 47 0.08 400 0.57 3,000 nrwx101m100v12.5x20f 100 0.08 580 0.29 4,000 nrwx221m100v16x25f 220 0.08 670 0.22 4,000 nrwx331m100v16x31.5f 330 0.08 810 0.15 4,000 nrwx471m100v18x31.5f 470 0.08 950 0.11 4,000 nrwx220m160v10x20f 22 160 0.20 115 n/a 2,000 nrwx330m160v10x20f 33 0.20 125 2,000 nrwx470m160v12.5x20f 47 0.20 187 2,000 nrwx680m160v12.5x20f 68 0.20 200 2,000 nrwx101m160v16x25f 100 0.20 329 2,000 nrwx151m160v16x31.5f 150 0.20 434 2,000 nrwx100m200v10x20f 10 200 0.20 78 2,000 nrwx220m200v10x20f 22 0.20 95 2,000 nrwx330m200v12.5x20f 33 0.20 157 2,000 nrwx470m200v12.5x25f 47 0.20 204 2,000 nrwx680m200v16x21f 68 0.20 250 2,000 standard values, specifications and case sizes (mm) for automotive applications see part number system
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change ripple current correction factor frequency (hz) 100hz ~ <1khz 1khz ~ <10khz > 10k c < 4.7f 0.4 0.7 1.0 4.7f < c < 100 f 0.50 0.73 0.92 100f < c < 1000 f 0.55 0.77 0.94 1000 f < c 0.60 0.80 0.96 for automotive applications see part number system miniature aluminum electrolytic capacitors nrwx series part number cap. (f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +125c/100khz max. esr () +20c/100khz load life hours @+125c nrwx100m250v10x20f 10 250 0.20 78 n/a 2,000 nrwx220m250v12.5x20f 22 0.20 128 2,000 nrwx330m250v12.5x25f 33 0.20 171 2,000 nrwx470m250v16x25f 47 0.20 225 2,000 nrwx680m250v16x31.5f 68 0.20 292 2,000 nrwx4r7m350v10x20f 4.7 350 0.20 53 2,000 nrwx100m350v10x20f 10 0.20 67 2,000 nrwx220m350v12.5x25f 22 0.20 139 2,000 nrwx330m350v16x25f 33 0.20 189 2,000 nrwx470m350v16x31.5f 47 0.20 243 2,000 nrwx4r7m400v10x20f 4.7 400 0.20 53 2,000 nrwx100m400v12.5x20f 10 0.20 86 2,000 nrwx220m400v12.5x25f 22 0.20 142 2,000 nrwx330m400v16x25f 33 0.20 189 2,000 nrwx470m400v16x31.5f 47 0.20 243 2,000 standard values, specifications and case sizes (mm) part numbering system nrwx 331 m 25v 10x16 tb y f . rohs compliant tb = tape & box* case size (d xl) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi cant, third character is multiplier series *see tape speci cation for details optional: for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site


▲Up To Search▲   

 
Price & Availability of NRWX100M100V8X115F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X